Part Number Hot Search : 
SRW9U 9F0S500 MBT2222 HPL24PT RT8802A LD2841BO TA114T M14611A
Product Description
Full Text Search
 

To Download QHD-3C-111G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 QHD-3C-1.11G
QUAD HYBRID
PRELIMINARY REV: 002, 08/22/03
TECHNICAL DESCRIPTION / APPLICATION
MULTI-MIX(R) QUADS The Multi-Mix(R) QHD series provides a 3 dB coupler with low insertion loss, low VSWR, and high isolation. Accurate phase and amplitude balance make them ideal for applications involving IQ networks, power amplifiers, signal distribution and processing equipment. QHD quad hybrids are fusion bonded multilayer stripline assemblies. The fusion bonding process yields a homogeneous monolithic dielectric structure with reliability, ruggedness, and electrical performance that is superior to conventional adhesive bonding techniques.
TYPICAL PERFORMANCE
QHD-3C-1.11G Measured Data (Includes Fixture) VSWR vs Frequency
2 1.9 -5 1.8 -10 1.7 Magnitude (dB) 1.6 VSWR 1.5 1.4 1.3 -30 1.2 1.1 1 0.2 0.4 0.6 0.8 1 1.2 Frequency (GHz) 1.4 1.6 1.8 2 2.2 -35 -15 0
QHD-3C-1.11G Measured Data (Includes Fixture) Isolation vs. Frequency
VSWR1 VSWR2 VSWR3 VSWR4
-20
-25
-40 0.2 0.4 0.6 0.8 1 1.2 Frequency (GHz) 1.4 1.6 1.8 2 2.2
QHD-3C-1.11G Measured Data (Includes Fixture) Insertion Loss vs. Frequency
0.6
QHD-3C-1.11G Measured Data (Includes Fixture) Amplitude and Phase Balance vs. Frequency
100 4
0.5
97.5
3
95
0.4 Insertion Loss (dB)
2
Magnitude (dB)
Phase (Deg)
92.5
1
Amplitude Balance Phase Balance
0.3
90
0
87.5
0.2
-1
85
0.1
-2
82.5
-3
0 0.2 0.4 0.6 0.8 1 1.2 Frequency (GHz) 1.4 1.6 1.8 2 2.2
80 0.2 0.4 0.6 0.8 1 1.2 Frequency (GHz) 1.4 1.6 1.8 2 2.2
-4
THE MULTI-MIX MICROTECHNOLOGY(R) GROUP IS ISO-9001:2000 REGISTERED
U.S. patent 6,099,677 and other patents pending. Merrimac Industries / 41 Fairfield Place, West Caldwell, NJ 07006 Tel: 1.888.434.MMFM / Fax: 973.882.5990 / Email: crm@merrimacind.com / www.merrimacind.com
GENERAL SPECIFICATIONS QHD-3C-1.11G
ELECTRICAL FREQUENCY RANGE INSERTION LOSS AMPLITUDE BALANCE PHASE BALANCE ISOLATION VSWR (ALL PORTS) INPUT POWER (CW @ 1.3:1 OUTPUT VSWR) 0.225 TO 2.0 GHz 0.4 dB (MAX) +/- 1.75 dB (MAX) 5 (MAX) 15 dB (MIN) 1.5:1 (MAX) 200 W (TYP)
MECHANICAL SIZE / OUTLINE WEIGHT RF INTERFACE 5.00 x 1.00 x 0.365 inches 3 oz. Surface Mount
ENVIRONMENTAL OPERATING TEMPERATURE RANGE -55 To + 85, C
PACKAGE OUTLINE
THE MULTI-MIX MICROTECHNOLOGY(R) GROUP IS ISO-9001:2000 REGISTERED
Merrimac Industries / 41 Fairfield Place, West Caldwell, NJ 07006 Tel: 1.888.434.MMFM / Fax: 973.882.5990 / Email: crm@merrimacind.com / www.merrimacind.com


▲Up To Search▲   

 
Price & Availability of QHD-3C-111G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X